PART |
Description |
Maker |
MAX3205E MAX3208E MAX3207E MAX3207EAUT-T MAX3208EA |
Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs UNIDIRECTIONAL, SILICON, TVS DIODE, MO-178AB GT 6C 6#16S PIN PLUG UNIDIRECTIONAL, SILICON, TVS DIODE
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TGL41-9.1 TGL41-20AHE3 TGL41-160/46HE3 TGL41-12A-2 |
Surface Mount TRANSZORBTransient Voltage Suppressors Peak Pulse Power 400W 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
VISHAY SEMICONDUCTORS
|
PRTR5V0U2F09 PRTR5V0U2K PRTR5V0U2F/T4 |
Ultra low capacitance double rail-to-rail ESD protection UNIDIRECTIONAL, SILICON, TVS DIODE UNIDIRECTIONAL, SILICON, TVS DIODE, MO-252
|
NXP Semiconductors N.V.
|
MSMLJ30A MSMLG10A MSMLG110A MSMLG11A MSMLG12A MSML |
SURFACE MOUNT 3000 Watt Transient Voltage Suppressor 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
Microsemi Corporation MICROSEMI CORP-IRELAND
|
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
PGE323TTE36V PGE323TTE24V PGE323TTE12V PGE323TTE5V |
unidirectional esd / transient suppressor UNIDIRECTIONAL, SILICON, TVS DIODE
|
KOA Speer Electronics, Inc. KOA SPEER ELECTRONICS INC
|
5KP28 5KP20A 5KP26A 5KP28A 5KP7.0A 5KP9.0A 5KP10 5 |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
RCLAMP0524PA RCLAMP0522PA RCLAMP0524PATCT |
Ultra Low Capacitance TVS Arrays 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Semtech Corporation http://
|
|